Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN9D5D20F Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce VN9D5D20F
Description  4 channel high-side driver with 24-bit SPI interface for automotive applications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20F Fiches technique(HTML) 3 Page - STMicroelectronics

  VN9D5D20F Datasheet HTML 1Page - STMicroelectronics VN9D5D20F Datasheet HTML 2Page - STMicroelectronics VN9D5D20F Datasheet HTML 3Page - STMicroelectronics VN9D5D20F Datasheet HTML 4Page - STMicroelectronics VN9D5D20F Datasheet HTML 5Page - STMicroelectronics VN9D5D20F Datasheet HTML 6Page - STMicroelectronics VN9D5D20F Datasheet HTML 7Page - STMicroelectronics VN9D5D20F Datasheet HTML 8Page - STMicroelectronics VN9D5D20F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Channel 0
1
2
3
Power Clamp
Current Limitation
Power Limitation
Overtemperature
Off state Open-load
Output shorted to Vcc
Bulb / Led Mode
Fail Safe functionality
Diagnostic Control
Blanking Time
PWM Engine
+
Fallback clock
(400 kHz)
ADC Logic Control
Macrocell
Current sense
Multiplexer
Undervoltage
Vcc Clamp
VREG
24-bit SPI
VDD
CSN
SDI
SDO
SCK
OTP/Limp-home
PWMCLK
DI0
DI1
VCC
GND
OUT0
OUT3
|
Slope Control
Standby Mode
Priority
Manager
5bit
phase
shift
Shadow
Registers
Frame
Temp
Monitoring
Current sense
Reverse Battery
GADG280120191057MT
VN9D5D20F
Block diagram and pin description
DS12936 - Rev 10
page 3/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96