| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB100 Fiches technique(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 Fiches technique(HTML) 28 Page - STMicroelectronics |
|
28 / 213 page ![]() Figure 17. Regulator faults reaction with REGFAIL_GO_REC = 1 ACTIVE state WD trigger OK* LOW-POWER mode FULL-POWER mode SPI cmd SPI cmd WD trigger OK* Execute Power-Up sequence Finished OK Execute Power-Down sequence (retry ≤ 3) OR (for_ever = 1) ? Y N Retry loop NFSO asserted TSD event & T ° cooled down & cnt < 3 OR REG fail & GoREC=1 (except TSD) DEEP-SLEEP state INIT state Wake-up event REC-1 state REG fail & GoREC=1 Execute Power-Down sequence REC-2 state REG fail & GoREC=1 PG_TimeOut reached OR REGfail & GoREC=1 TSD event & cnt ≥ 3 TSD event & not T ° cooled down VFBB_OK_R < VFBB < VFBB_OV * when LOW_SET = 1111, watchdog service is disabled (WD LOW trigger OK*) & (all flag cleared) When REGFAIL_GO_REC is reset to ‘0’, a fault detected on regulator, TSD, UV, OC, INT_FAIL, FBLOSS and OV monitors will: • Set the associated flag. • Send an interruption. The interruption can be masked for UV, OC, INT_FAIL, FBLOSS and OV and TW, not for TSD. • Switch OFF the regulator if the action is not masked. Action of UV and OC is maskable, while an INT_FAIL, FBLOSS, OV and TSD event always switch OFF the regulator. TW event never switches OFF the regulator. The state machine does not change its state if REGFAIL_GO_REC is reset to ‘0’. SPSB100 Functional description DS14640 - Rev 2 page 28/213 |