| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB100 Fiches technique(PDF) 204 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 Fiches technique(HTML) 204 Page - STMicroelectronics |
|
204 / 213 page ![]() 7.21 Reset output (NRST) .........................................................104 7.22 VREG voltage regulator .......................................................104 7.23 BIST timing .................................................................105 8 Application circuit .............................................................. 106 8.1 External components .........................................................106 8.2 External components calculation................................................108 8.2.1 BUCK1 and BUCK2 inductor.............................................. 108 8.2.2 BUC3 inductor......................................................... 109 9 SPI registers.................................................................... 110 9.1 Global status byte GSB ....................................................... 110 9.2 Control register overview ...................................................... 112 9.3 U_NVM register overview...................................................... 113 9.4 Status register overview ....................................................... 116 9.5 Control registers ............................................................. 119 9.6 U_NVM registers .............................................................135 9.7 Status registers ..............................................................163 9.8 Status register that must be cleared to enter into active FP mode .................... 192 10 PCB layout recommendation.................................................... 194 10.1 PCB metal and component placement ...........................................196 10.2 Solder mask .................................................................196 10.3 Stencil design ...............................................................197 11 Package information............................................................ 198 11.1 VFQFN56+4L (8x8x0.9 mm exp. pad down) package information ....................198 Revision history ..................................................................... 200 SPSB100 Contents DS14640 - Rev 2 page 204/213 |