Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPSB100 Fiches technique(PDF) 176 Page - STMicroelectronics

No de pièce SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Fiches technique(HTML) 176 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 172Page - STMicroelectronics SPSB100 Datasheet HTML 173Page - STMicroelectronics SPSB100 Datasheet HTML 174Page - STMicroelectronics SPSB100 Datasheet HTML 175Page - STMicroelectronics SPSB100 Datasheet HTML 176Page - STMicroelectronics SPSB100 Datasheet HTML 177Page - STMicroelectronics SPSB100 Datasheet HTML 178Page - STMicroelectronics SPSB100 Datasheet HTML 179Page - STMicroelectronics SPSB100 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 213 page
background image
Table 251. DSR7 (0x27) LSB description
Bit
Name
Description
7
POWUP_RETRY_CNT_0
6
RES
5
NVM_PROG_OK
U-NVM programming is completed without error
4
NVM_PROG_DONE
U-NVM programming is completed
3
CRC 3
2
CRC 2
1
CRC 1
0
CRC 0
Table 252. DSR8 (0x28) MSB
Bit 23
Bit 22
Bit 21
Bit 20
Bit 19
Bit 18
Bit 17
Bit 16
- (R0)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
RES
FCCU_LAST_STABLE_12
FCCU_LAST_STABLE_11
FCCU_LAST_STABLE_10
FCCU_LAST_STABLE_9
FCCU_LAST_STABLE_8
FCCU_LAST_STABLE_7
FCCU_LAST_STABLE_6
Reserved
FCCU last stable bit 12
FCCU last stable bit 11
FCCU last stable bit 10
FCCU last stable bit 9
FCCU last stable bit 8
FCCU last stable bit 7
FCCU last stable bit 6
Table 253. DSR8 (0x28) MSB description
Bit
Name
Description
23
RES
Reserved
22
FCCU_LAST_STABLE_12
21
FCCU_LAST_STABLE_11
20
FCCU_LAST_STABLE_10
19
FCCU_LAST_STABLE_9
18
FCCU_LAST_STABLE_8
17
FCCU_LAST_STABLE_7
16
FCCU_LAST_STABLE_6
Table 254. DSR8 (0x28)
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
0 (R)
FCCU_LAST_STABLE_5
FCCU_LAST_STABLE_4
FCCU_LAST_STABLE_3
FCCU_LAST_STABLE_2
FCCU_LAST_STABLE_1
FCCU_LAST_STABLE_0
FORCED_SLEEP_REGFAIL
REG_FAIL_CNT_1
FCCU last stable bit 5
FCCU last stable bit 4
FCCU last stable bit 3
FCCU last stable bit 2
FCCU last stable bit 1
FCCU last stable bit 0
Forced sleep regulator fail bit
Regulator fail counter bit 1
Table 255. DSR8 (0x28) description
Bit
Name
Description
15
FCCU_LAST_STABLE_5
14
FCCU_LAST_STABLE_4
13
FCCU_LAST_STABLE_3
12
FCCU_LAST_STABLE_2
11
FCCU_LAST_STABLE_1
10
FCCU_LAST_STABLE_0
FCCU monitor last stable value duration
9
FORCED_SLEEP_REGFAIL
1: When REG_FAIL_CNT = 3 then FSM transit from REC_2 to DEEP-SLEEP (similar to
TSD_CNT_FAIL) and in DEEP-SLEEP
SPSB100
SPI registers
DS14640 - Rev 2
page 176/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More