| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB100 Fiches technique(PDF) 171 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB100 Fiches technique(HTML) 171 Page - STMicroelectronics |
|
171 / 213 page ![]() Bit Name Description 9 DEEP-SLEEP_FROM_DO_POWER_DOWN_1 00: Default 01: DEEP-SLEEP entered after a DO_POWER_DOWN command in ACTIVE state 1x: DEEP-SLEEP entered after a DO_POWER_DOWN command in REC-1 state 8 DEEP-SLEEP_FROM_DO_POWER_DOWN_0 Table 237. DEV_STATE binary code for state machine states/modes Digital FSM states Spec states/modes Binary AA_START_UP START-UP state 000000 ACTIVE_HP ACTIVE FULL-POWER mode 000001 ACTIVE_LP ACTIVE LOW-POWER mode 000010 ACTIVE_LP2HP1 LP2FP transition 000011 ACTIVE_LP2HP2 000100 ACTIVE_LP2HP3 000101 ACTIVE_LP2HP4 000110 ANA_TRIM Not usable 000111 DEEPSLEEP_INIT1 DEEP-SLEEP state 001000 DEEPSLEEP_INIT2 001001 DEEPSLEEP_INIT3 001010 DEEPSLEEP_INIT4 001011 DEEPSLEEP_TO_START_SM 001100 DEEP_SLEEP 001101 INIT1 INIT state 001110 INIT2 001111 POWER_DOWN_FROM_PG_TIMEOUT POWER-DOWN sequence 010001 POWER_DOWN_TO_DEEP_SLEEP 010010 POWER_DOWN_TO_REC_2 010011 NRESET_PULSE POWER-UP sequence 010000 POWER_UP_FROM_FAIL 010100 POWER_UP_FROM_INIT 010101 PROD_TEST_MODE Not usable 010110 READ_NVM_DL U-NVM-DL state 010111 REC_1 REC-1 state 011000 REC_2 REC-2 state 011001 RESET_SPI_REG START-SM state 011010 RISE_REF 011011 START_SM 011100 SWDBG SWDBG 011101 SWDBG_SET 011110 USER_NVM_PROG_1 U-NVM-PROG-1 011111 USER_NVM_PROG_2 U-NVM-PROG-2 100000 SPSB100 SPI registers DS14640 - Rev 2 page 171/213 |