Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPSB081 Fiches technique(PDF) 136 Page - STMicroelectronics

No de pièce SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Fiches technique(HTML) 136 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 129Page - STMicroelectronics SPSB081 Datasheet HTML 130Page - STMicroelectronics SPSB081 Datasheet HTML 131Page - STMicroelectronics SPSB081 Datasheet HTML 132Page - STMicroelectronics SPSB081 Datasheet HTML 133Page - STMicroelectronics SPSB081 Datasheet HTML 134Page - STMicroelectronics SPSB081 Datasheet HTML 135Page - STMicroelectronics SPSB081 Datasheet HTML 136Page - STMicroelectronics SPSB081 Datasheet HTML 137Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 136 / 137 page
background image
List of figures
Figure 1.
Functional block diagram of SPSB0815 and SPSB0813........................................ 3
Figure 2.
Functional block diagram of SPSB081C5 and SPSB081C3 ..................................... 4
Figure 3.
SPSB0815 and SPSB0813 - pin connection (top view) ........................................ 5
Figure 4.
SPSB081C5 and SPSB081C3 - pin connection (top view) ...................................... 5
Figure 5.
QFN32L (5.0x5.0x1.0 mm) 4-layers..................................................... 11
Figure 6.
Voltage regulator behavior and diagnosis during supply voltage ramp-up/ramp-down conditions ........... 14
Figure 7.
Interrupt pin ..................................................................... 16
Figure 8.
Static monitoring: wake-up occurs if threshold is greater than the filter time ......................... 18
Figure 9.
Cyclic monitoring: the external contacts are supplied periodically by the internal timer .................. 18
Figure 10.
Main operating modes .............................................................. 20
Figure 11.
Watchdog in normal operating mode (no errors) ............................................ 21
Figure 12.
Watchdog with error conditions ........................................................ 22
Figure 13.
Watchdog in debug mode ........................................................... 22
Figure 14.
NRESET pin..................................................................... 25
Figure 15.
DIAGN pin ...................................................................... 25
Figure 16.
Overvoltage protection on V1 ......................................................... 26
Figure 17.
Overvoltage detection V1 = 5 V ....................................................... 27
Figure 18.
Wake-up behavior according to LIN ISO 17987-4/2016 ....................................... 29
Figure 19.
CANFD transceiver supply ........................................................... 30
Figure 20.
Transceiver state diagram ........................................................... 31
Figure 21.
CAN wake up capabilities ........................................................... 33
Figure 22.
Thermal shutdown protection and diagnosis related to thermal cluster 1............................ 35
Figure 23.
Thermal shutdown protection and diagnosis related to thermal cluster 2, 3 and 4 ..................... 36
Figure 24.
Constant current mode ............................................................. 38
Figure 25.
Thermal clusters identification......................................................... 40
Figure 26.
SPI pin description ................................................................ 43
Figure 27.
SPI signal description .............................................................. 44
Figure 28.
SDI frame ...................................................................... 44
Figure 29.
SDO frame...................................................................... 46
Figure 30.
Window watchdog operation.......................................................... 51
Figure 31.
Watchdog timing ................................................................. 61
Figure 32.
Watchdog early, late and safe windows .................................................. 62
Figure 33.
Slew-rate of the drivers ............................................................. 64
Figure 34.
LIN transmit, receive timing .......................................................... 76
Figure 35.
SPI transfer timing diagram .......................................................... 78
Figure 36.
SPI input timing .................................................................. 79
Figure 37.
SPI output timing ................................................................. 80
Figure 38.
SPI CSN - output timing............................................................. 81
Figure 39.
SPI-CSN low to high transition and global status bit access .................................... 81
Figure 40.
Typical application diagram .......................................................... 84
Figure 41.
QFN32L Epad (5.0x5.0x1.0 mm) package outline .......................................... 126
SPSB081
List of figures
DS14048 - Rev 3
page 136/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More