Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPSB081 Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 92Page - STMicroelectronics SPSB081 Datasheet HTML 93Page - STMicroelectronics SPSB081 Datasheet HTML 94Page - STMicroelectronics SPSB081 Datasheet HTML 95Page - STMicroelectronics SPSB081 Datasheet HTML 96Page - STMicroelectronics SPSB081 Datasheet HTML 97Page - STMicroelectronics SPSB081 Datasheet HTML 98Page - STMicroelectronics SPSB081 Datasheet HTML 99Page - STMicroelectronics SPSB081 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 137 page
background image
Bit
Name
Description
100 = ton5
101 = invalid setting; command is ignored and SPI INV CMD is set
18
T2 PER_2
Configuration of Timer2 period (1)
000 = T1 (default)
001 = T2
010 = T3
011 = T4
100 = T5
101 = T6
110 = T7
111 = T8
17
T2 PER_1
16
T2 PER_0
15
RES
Reserved
14
RES
Reserved
13
T1 ON_2
Configuration of Timer1 on-time(1)
000 = ton1 (default)
001 = ton2
010 = ton3
011 = ton4
100 = ton5
101 = Invalid setting; command is ignored and SPI INV CMD is set
110 = Invalid setting; command is ignored and SPI INV CMD is set
111 = Invalid setting; command is ignored and SPI INV CMD is set
12
T1 ON_1
11
T1 ON_0
10
T1 PER_2
Configuration of Timer1 period(1)
000 = T1 (default)
001 = T2
010 = T3
011 = T4
100 = T5
101 = T6
110 = T7
111 = T8
9
T1 PER_1
8
T1 PER_0
7
V1 RESET_1
Voltage regulator V1 reset level
00 = VRT4 (default)
01 = VRT3
10 = VRT2
11 = VRT1
6
V1 RESET_0
5
V1_OVP
Voltage regulator V1 overvoltage protection set
0 = Disabled
1 = Enabled (default)
4
WD_TIME
Window watchdog trigger time
0 = TSW1 (default)
1 = TSW2
Writing to WD_TIME is blocked unless WD CONFIG EN = 1
SPSB081
Control registers
DS14048 - Rev 3
page 96/137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More