| Moteur de recherche de fiches techniques de composants électroniques |
|
SPSB081 Fiches technique(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB081 Fiches technique(HTML) 124 Page - STMicroelectronics |
|
124 / 137 page ![]() Table 126. SR7 description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 TSD1_CL4 Thermal shutdown of Cluster x ‘1’ indicates Cluster x has reached the thermal shutdown threshold (TSD1) and the output cluster was shut down Bit is latched until a “read and clear” command of this bit only 18 TSD1_CL3 17 TSD1_CL2 16 TSD1_CL1 15 RES Reserved 14 RES Reserved 13 RES Reserved 12 RES Reserved 11 RES Reserved 10 RES Reserved 9 RES Reserved 8 RES Reserved 7 RES Reserved 6 RES Reserved 5 RES Reserved 4 RES Reserved 3 RES Reserved 2 RES Reserved 1 RES Reserved 0 RES Reserved Table 127. Status register SR8 (0x38) 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Bit name Access R R/C R Table 128. SR8 description Bit Name Description 23 RES Reserved 22 RES Reserved 21 RES Reserved 20 RES Reserved 19 TW_CL4 Thermal warning for Cluster x ‘1’ indicates Cluster x has reached the thermal warning threshold SPSB081 Status registers DS14048 - Rev 3 page 124/137 |