Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9969U Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 42Page - STMicroelectronics L9969U Datasheet HTML 43Page - STMicroelectronics L9969U Datasheet HTML 44Page - STMicroelectronics L9969U Datasheet HTML 45Page - STMicroelectronics L9969U Datasheet HTML 46Page - STMicroelectronics L9969U Datasheet HTML 47Page - STMicroelectronics L9969U Datasheet HTML 48Page - STMicroelectronics L9969U Datasheet HTML 49Page - STMicroelectronics L9969U Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
3.2.7.6.2
Status register (read and write access)
Table 32. Register DIA_REG1
Bit
7
6
5
4
3
2
1
0
Bit-Name
NABE_DIS
OT
Var1
Var0
DIA21
DIA20
DIA11
DIA10
POR
x
1
1
1
1
1
1
1
SPIR
x
1
x
x
1
1
1
1
ENDISR
x
1
x
x
1
1
1
1
RDR
x
x
x
x
x
x
x
x
DIACLR1
x
1
x
x
1
1
1
1
Controller access: read/write
(write-access: WR_DIA1)
(read-access: RD_DIA1)
Bit
Name
Description
7
NABE_DIS
0: NABE = Low or/and DIS = High
1: NABE = High and DIS = Low
(not latched) (r)
6
OT
0: Over Temperature
1: no Over Temperature
(latched) (r)
5
VAR1
r/w for special use
(latched) (r/w)
4
VAR0
r/w for special use
(latched) (r/w)
3
DIA21
See Table 33 below
(r)
2
DIA20
1
DIA11
0
DIA10
Table 33. Diagnosis bits (DIA_REG1)
DIA21
DIA20
DIA11
DIA10
Description
Remark
0
0
0
0
Not used
0
0
0
1
Short Circuit to Ground at OUT1 (SCG1)
latched
0
0
1
0
Short Circuit to Ground on OUT2 (SCG2)
latched
0
0
1
1
Not used
0
1
0
0
0
1
0
1
Short Circuit to Battery on OUT1 (SCB1)
latched
0
1
1
0
Short Circuit to Battery on OUT2 (SCB2)
latched
0
1
1
1
Short Circuit across load (SCL)
latched
1
0
0
0
Short Circuit to Battery at disabled output
latched
1
0
0
1
Short Circuit to Ground at disabled output
latched
1
0
1
0
Open Load (at disabled output or in active)
latched
1
0
1
1
Not used
1
1
0
0
1
1
0
1
Undervoltage at pin VS
Not latched
1
1
1
0
Not used
1
1
1
1
No failure
-
L9969x
Functional description
DS14029 - Rev 6
page 46/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70