Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9959 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 30Page - STMicroelectronics L9959 Datasheet HTML 31Page - STMicroelectronics L9959 Datasheet HTML 32Page - STMicroelectronics L9959 Datasheet HTML 33Page - STMicroelectronics L9959 Datasheet HTML 34Page - STMicroelectronics L9959 Datasheet HTML 35Page - STMicroelectronics L9959 Datasheet HTML 36Page - STMicroelectronics L9959 Datasheet HTML 37Page - STMicroelectronics L9959 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
SPI functional description
L9959
34/49
DocID027540 Rev 3
5.3
Device register map
Table 25. Check byte
Bit
7
6
5
4
3
2
1
0
Name
Tristate
Tristate
1
0
1
0
1
TRANS_F
Bit
Name
Content
7:6
Tristate
Tristate
6:1
Fix Content: 10101
0
TRANS_F
Transfer-Failure Invalid instruction TRANS_F = 1
Table 26. Command overview
Command
INST<5:0>
Content
RD_ID
00_0100
Read Device ID
RD_REV
00_0110
Read Device Revision
RD_DIA1
01_0000
Read Diagnostic Information Register 1
RD_DIA2
01_1000
Read Diagnostic Information Register 2
RD_CONFIG
00_1000
Read Configuration
RD_STATCON
00_1100
Read VDD Monitoring Status
RD_SPECIAL
00_1110
Read information from SPECIAL
WR_DIA1
11_0000
Write to Diagnostic Information Register 1
WR_DIA2
11_1000
Write to Diagnostic Information Register 2
WR_CONFIG
10_1000
Write Configuration
WR_STATCON
10_1100
Write VDD Monitoring Status
WR_SPECIAL
10_1110
Write information to SPECIAL
All Other
-
Invalid Command: TRANS_F: 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49