Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9924L Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce L9924L
Description  Automotive vehicle conform truck car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924L Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button L9924L Datasheet HTML 9Page - STMicroelectronics L9924L Datasheet HTML 10Page - STMicroelectronics L9924L Datasheet HTML 11Page - STMicroelectronics L9924L Datasheet HTML 12Page - STMicroelectronics L9924L Datasheet HTML 13Page - STMicroelectronics L9924L Datasheet HTML 14Page - STMicroelectronics L9924L Datasheet HTML 15Page - STMicroelectronics L9924L Datasheet HTML 16Page - STMicroelectronics L9924L Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
DocID028840 Rev 3
13/84
L9924L
Pin description
83
As shown in the picture, the following pin groups must be connected through external wiring.
VDD and GND pins in the block diagram are generic references to the relevant pin groups of
the above table.
43
PD2/EXC_IN
Excitation input: connect to PD3/PD4/EXC_OUT
44
PD3/PD4/EXC_OUT Excitation output: connect to PD2/EXC_IN
Table 2. Group of pins externally connected
Signal
Pins
VDD
9 (VDD)
10 (VDDIO)
11 (VDDA)
38 (VDD_CAP)
GND
23 (GND)
6 (VSS/VSSIO_1)
12 (VSS_A)
Exposed PAD
V18
7 (1V8_CORE)
8 (V8_VCAP)
nRST
4 (nRST)
39 (nRST_SP)
LIN_TX
1 (LIN_TX)
41 (LIN_TX_SP)
LIN_RX
2 (LIN_RX)
40 (LIN_RX_SP)
Table 1. Pin function (continued)
Pin name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84