| Moteur de recherche de fiches techniques de composants électroniques |
|
L9911P Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9911P Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 20 page ![]() This is information on a product in full production. September 2015 DocID10990 Rev 13 1/20 L9911 Car alternator multifunction smart voltage regulator Datasheet - production data Features Fully monolithic design High side field driver Thermal protection Field short circuit protection Protected diagnostic lamp driver Protected high side relay driver Complex diagnostics Load response control DFM output (field monitor) Self start function Description The L9911 is a monolithic multifunction alternator voltage regulator intended for use in automotive application. It includes the control section, the field power stage, fault diagnostic circuit which drives a warning lamp, and the protection against short circuits Multiwatt8 Table 1. Device summary Order code Temp. range, °C Package Packing L9911F Tj = -40 to +150 Multiwatt8 Tube L9911I L9911P L9911V L9911K L9911U www.st.com |
Numéro de pièce similaire - L9911P |
|
Description similaire - L9911P |