| Moteur de recherche de fiches techniques de composants électroniques |
|
L9912L Fiches technique(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9912L Fiches technique(HTML) 53 Page - STMicroelectronics |
|
53 / 84 page ![]() DocID029641 Rev 2 53/84 L9912L Turbo mode 83 9 Turbo mode During alternator and/or regulator production test it could be useful to reduce the system timings in order to save time; for this reason it is possible to set system in TURBO MODE status [see 5.3.6]. In this condition the application SW should reduce or cancel internal timeouts (e.g. lamp alarm) thus accelerating the test procedures. |