| Moteur de recherche de fiches techniques de composants électroniques |
|
L9908 Fiches technique(PDF) 129 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9908 Fiches technique(HTML) 129 Page - STMicroelectronics |
|
129 / 152 page ![]() Register name Address Field name Type Bit offset Bit width Reset value Reset NSR 0: ACT disabled (Default) 1: ACT enabled TSYNC3_CFG RW 0 11 0x0 B Table 141. CH3_SAFETY_RELEVANT Register name Address Field name Type Bit offset Bit width Reset value Reset CH3_SAFETY_RELEVANT 0x35 UNUSED_4 RW 15 1 0x0 B SRR UNUSED_3 RW 14 1 0x0 B UNUSED_2 RW 13 1 0x0 B STP_VGS_3_REACT_CFG 00: Full SW off – disable all HB drivers and CPs, device is sent in SAFE-OFF mode (Default) 01: Reduced operation mode – disable failing HB only, device remains in NORMAL mode 10: Flag only – down-rate fault to simple warning, device remains in NORMAL mode 11: Flag only – down-rate fault to simple warning, device remains in NORMAL mode RW 11 2 0x0 B UNUSED_1 RW 10 1 0x0 B UNUSED_0 RW 9 1 0x0 B LS3_STB_REACT_CFG RW 7 2 0x0 B HS3_STG_REACT_CFG RW 5 2 0x0 B CRC RW 0 5 0x17 B Table 142. CH3_ACT Register name Address Field name Type Bit offset Bit width Reset value Reset CH3_ACT 0x36 UNUSED_3 RO 15 1 0x0 A NSR UNUSED_2 RO 14 1 0x0 A UNUSED_1 RO 13 1 0x0 A UNUSED_0 RO 12 1 0x0 A ACT3_OVF RO 11 1 0x0 A ACT3 RO 0 11 0x0 A Table 143. SPI_CMM_FAULT Register name Address Field name Type Bit offset Bit width Reset value Reset SPI_CMM_FAULT 0xFD UNUSED_11 RO 15 1 0x0 A NSR UNUSED_10 RO 14 1 0x0 A UNUSED_9 RO 13 1 0x0 A FCNTERR Wrong frame counter bit CR 12 1 0x0 A L9908 Functional description DS13546 - Rev 5 page 129/152 |