Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9908TR Fiches technique(PDF) 71 Page - STMicroelectronics

No de pièce L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Fiches technique(HTML) 71 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 67Page - STMicroelectronics L9908TR Datasheet HTML 68Page - STMicroelectronics L9908TR Datasheet HTML 69Page - STMicroelectronics L9908TR Datasheet HTML 70Page - STMicroelectronics L9908TR Datasheet HTML 71Page - STMicroelectronics L9908TR Datasheet HTML 72Page - STMicroelectronics L9908TR Datasheet HTML 73Page - STMicroelectronics L9908TR Datasheet HTML 74Page - STMicroelectronics L9908TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 152 page
background image
Table 68. n-th Current Monitor Channel enable bit
CSn_DIS
Description
0
n-th current monitor enabled (Default)
1
n-th current monitor disabled
When disabled, the n-th input current measurement structure is set in low consumption mode, the related DSP
logic is reset and the output stage is set into high impedance state.
The current monitor channel consists of three main parts:
•
A/D Conversion;
•
Digital Signal Processing;
•
D/A Conversion.
L9908
Functional description
DS13546 - Rev 5
page 71/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More