Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9908 Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 74Page - STMicroelectronics L9908_V01 Datasheet HTML 75Page - STMicroelectronics L9908_V01 Datasheet HTML 76Page - STMicroelectronics L9908_V01 Datasheet HTML 77Page - STMicroelectronics L9908_V01 Datasheet HTML 78Page - STMicroelectronics L9908_V01 Datasheet HTML 79Page - STMicroelectronics L9908_V01 Datasheet HTML 80Page - STMicroelectronics L9908_V01 Datasheet HTML 81Page - STMicroelectronics L9908_V01 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 152 page
background image
Table 72. Synchronization counter configuration bits
CSMn_SYNC_COUNT_CFG1
CSMn_SYNC_COUNT_CFG0
Description
0
0
16 Tclk (Default)
0
1
24 Tclk
1
0
32 Tclk
1
1
40 Tclk
Figure 51. Auto-triggering timing diagram
5.13.2
Digital signal processing
The signal processing consists in a series of operations performed on the converted current information in the
digital domain.
Figure 52. Digital signal processing simplified block diagram
L9908
Functional description
DS13546 - Rev 5
page 78/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More