| Moteur de recherche de fiches techniques de composants électroniques |
|
L9903 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9903 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 17 page ![]() L9903 2/17 Table 2. Pin Function Figure 3. Pin Connection (Top view) N° Pin Description 1 ST Open Drain Switch for Stepup converter 2 DG Open drain diagnostic output 3 PWM PWM input for H-bridge control 4 EN Enable input 5 DIR Direction select input for H-bridge control 6 PR Programmable cross conduction protection time 7 RX ISO 9141 interface, receiver output 8 TX ISO 9141 interface, transmitter input 9 K ISO 9141 Interface, bidirectional communication K-line 10 VS Supply voltage 11 CP Charge pump for driving a power MOS as reverse battery protection 12 GH1 Gate driver for power MOS highside switch in halfbridge 1 13 CB1 External bootstrap capacitor 14 S1 Source/drain of halfbridge 1 15 GH2 Gate driver for power MOS highside switch in halfbridge 2 16 CB2 External bootstrap capacitor 17 S2 Source/drain of halfbridge 2 18 GL2 Gate driver for power MOS lowside switch in halfbridge 2 19 GL1 Gate driver for power MOS lowside switch in halfbridge 1 20 GND Ground ST DG PWM EN DIR RX PR TX K GH1 CB1 S1 CB2 GH2 S2 GL2 GL1 GND 1 3 2 4 5 6 7 8 9 18 17 16 15 14 12 13 11 19 10 20 VS CP SO20 |