| Moteur de recherche de fiches techniques de composants électroniques |
|
SC16C852LIB Fiches technique(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C852LIB Fiches technique(HTML) 52 Page - NXP Semiconductors |
|
52 / 63 page ![]() SC16C852L_3 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 03 — 18 January 2008 52 of 63 NXP Semiconductors SC16C852L 1.8 V dual UART with 128-byte FIFOs and IrDA encoder/decoder Fig 26. Transmit ready timing in non-FIFO mode (16 mode) D0 D1 D2 D3 D4 D5 D6 D7 002aac617 stop bit parity bit td(IOW-TXRDYH) TXA, TXB IOW D0 to D7 active transmitter ready start bit data bits (0 to 7) next data start bit byte #1 TXRDYA, TXRDYB td(start-TXRDY) transmitter not ready active Fig 27. Transmit ready timing in non-FIFO mode (68 mode) D0 D1 D2 D3 D4 D5 D6 D7 002aac623 start bit td(CS-TXRDYH)W TXA, TXB TXRDYA, TXRDYB CS (write) data bits (0 to 7) active D0 to D7 byte #1 td(start-TXRDY) transmitter not ready active transmitter ready parity bit stop bit next data start bit |