Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99VR035QTR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L99VR035QTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR035QTR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L99VR035QTR Datasheet HTML 17Page - STMicroelectronics L99VR035QTR Datasheet HTML 18Page - STMicroelectronics L99VR035QTR Datasheet HTML 19Page - STMicroelectronics L99VR035QTR Datasheet HTML 20Page - STMicroelectronics L99VR035QTR Datasheet HTML 21Page - STMicroelectronics L99VR035QTR Datasheet HTML 22Page - STMicroelectronics L99VR035QTR Datasheet HTML 23Page - STMicroelectronics L99VR035QTR Datasheet HTML 24Page - STMicroelectronics L99VR035QTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
5.2
PWSSO12 (4.9x3.9x1.5 mm exposed pad down) package information
Figure 28. PWSSO12 (4.9x3.9x1.5 mm exposed pad down) package outline
L99VR03
Package information
DS14803 - Rev 2
page 21/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28