Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9758 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 21Page - STMicroelectronics L9758 Datasheet HTML 22Page - STMicroelectronics L9758 Datasheet HTML 23Page - STMicroelectronics L9758 Datasheet HTML 24Page - STMicroelectronics L9758 Datasheet HTML 25Page - STMicroelectronics L9758 Datasheet HTML 26Page - STMicroelectronics L9758 Datasheet HTML 27Page - STMicroelectronics L9758 Datasheet HTML 28Page - STMicroelectronics L9758 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
DocID14273 Rev 5
25/30
L9758
Operating modes
29
rate of the common voltage reference so the slew is different for each regulator because all
start together and reach the steady-state at the same time but with different voltage levels.
6.3
Power down
The power down sequence starts when both IGN and PSU_EN signal are low. In this phase
there is no control of the linear regulator output voltages. The falling slew-rate is defined
from load currents and load capacitors. A voltage comparator controls VDDL voltage and
ensures that the VDDL supply voltage will drop below 2V before initiating a new power-up
sequence.
Figure 4. Power up/down sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30