| Moteur de recherche de fiches techniques de composants électroniques |
|
L9473 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9473 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() September 2013 Rev 3 1/10 10 L9473 Car alternator voltage regulator Features ■ For air and liquid cooled applications ■ Ambient air temperature (thermistor) compensated ■ Special default compensation curve with TS- terminal open ■ Compensation curve with application specific resistor on TS ■ Thermal protection ■ Field driver, lamp driver, relay driver, and df (field monitor) short circuit protected ■ Load response control ■ Single phase autostart Description The L9473 is a monolithic multifunction generator Voltage regulator intended for use in automotive charging applications. This All Silicon Voltage Regulator regulates the output of an automotive generator by controlling the field winding current by means of a variable frequency PWM high side driver. Multiwatt8 Table 1. Device summary Order code Package Packing L9473J Multiwatt8 Tube www.st.com Obsolete Product(s) - Obsolete Product(s) |
Numéro de pièce similaire - L9473 |
|
Description similaire - L9473 |