| Moteur de recherche de fiches techniques de composants électroniques |
|
L9468N Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9468N Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() 1/8 L9468 September 2013 1Features ■ FULLY MONOLITHIC DESIGN ■ HIGH SIDE FIELD DRIVE ■ THERMAL PROTECTION ■ FIELD DRIVER SHORT CIRCUIT PROTECTION ■ PROTECTED DIAGNOSTIC LAMP DRIVER ■ REDUCED OUTPUT MODE ■ COMPLEX DIAGNOSTICS ■ LOAD RESPONSE CONTROL 2 Description The L9468 is a monolithic multifunction generator Voltage regulator intended for use in automotive ap- plications. This device regulates the output of an automotive generator by controlling the field winding current by means of a variable frequency PWM high side driver. ALL SILICON VOLTAGE REGULATOR Figure 2. Block Diagram FIELD (ROTOR) STARTER BATTERY STATOR ASVR LOADS RECTIFIER BRIDGE KEY SW FM S F+ L VGO P G TO ECM FAULT LAMP D02AT503 Figure 1. Package Table 1. Order Codes Part Number Package L9468N Multiwatt8 Multiwatt8 Rev. 2 |
Numéro de pièce similaire - L9468N |
|
Description similaire - L9468N |