Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9466 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce L9466
Description  Car alternator voltage regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9466 Fiches technique(HTML) 4 Page - STMicroelectronics

  L9466 Datasheet HTML 1Page - STMicroelectronics L9466 Datasheet HTML 2Page - STMicroelectronics L9466 Datasheet HTML 3Page - STMicroelectronics L9466 Datasheet HTML 4Page - STMicroelectronics L9466 Datasheet HTML 5Page - STMicroelectronics L9466 Datasheet HTML 6Page - STMicroelectronics L9466 Datasheet HTML 7Page - STMicroelectronics L9466 Datasheet HTML 8Page - STMicroelectronics L9466 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pin description
L9466
4/11
2
Pin description
Figure 2.
Pin connection (top view)
Table 2.
Pin description
N°
Pin
Description
1VGO
Generator Output – Voltage Sense and Power Supply to ASVR
2
F+
Field Driver - High Side Drive Output
3
G
Ground for ASVR (Must be connected for Ground for ASVR)
4
NC
Not connected
5
Gnd
Internally connected to the Tab or Slug in MW-8.
6
DF
Inverted Field Monitor Output
7
L
Lamp - Low Side Driver; Relay - High Side Driver
8
P
Phase Sense Input
1
2
3
4
5
6
7
D02AT502B
8
P
L
DF
GND
NC
G
F+
VGO
Tab connected to pin 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11