Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9333 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce L9333
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9333 Fiches technique(HTML) 3 Page - STMicroelectronics

  L9333_V01 Datasheet HTML 1Page - STMicroelectronics L9333_V01 Datasheet HTML 2Page - STMicroelectronics L9333_V01 Datasheet HTML 3Page - STMicroelectronics L9333_V01 Datasheet HTML 4Page - STMicroelectronics L9333_V01 Datasheet HTML 5Page - STMicroelectronics L9333_V01 Datasheet HTML 6Page - STMicroelectronics L9333_V01 Datasheet HTML 7Page - STMicroelectronics L9333_V01 Datasheet HTML 8Page - STMicroelectronics L9333_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L9333
ABSOLUTE MAXIMUM RATINGS
Note 1) : In flyback phase the output voltage can reach 60V.
ESD - PROTECTION
Note: Human-Body-Model according to MIL 883C. The device widthstand ST1 class level.
THERMAL DATA
Note 2) : With 6cm2 on board heat sink area.
LIFE TIME
Symbol
Parameter
Value
Unit
VS
Supply voltage DC
Supply voltage Pulse (T = 400ms)
-0.3 to 32
-0.3 to 45
V
V
dVS/dt
Supply voltage transient
-10 to +10
V/µs
VIN, VEN,
VPRG
Input, Enable, Programming
Pin voltage
-14 to 45
V
VOUT
Output voltage
-0.3 to 45 1)
V
VDIAG
Diagnostic output voltage
-0.3 to 45
V
Parameter
Value
against GND
Unit
Supply pins and signal pins
± 2
KV
Output pins
± 4
KV
Symbol
Parameter
Min
Typ
Max
Unit
TJSD
Temperature shutdown threshold
175
220
°C
TJSDhys
Temperature shutdown hysteresis
20
K
SO 12+4+4
Rth (j-p)
Thermal resistance junction to pins
15
°C/W
Rth (j-a)
Thermal resistance junction to ambient 2)
50
°C/W
Symbol
Parameter
Condition
Value
Unit
tB
useful life time
VS  14V
EN = low
20
years
tb
operating life time
4.5V
 VS  32V
EN = high
5000
hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13