| Moteur de recherche de fiches techniques de composants électroniques |
|
L9001 Fiches technique(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9001 Fiches technique(HTML) 20 Page - STMicroelectronics |
|
20 / 38 page ![]() Power supply L9001 20/38 DS12089 Rev 2 Table 12. Wake parameters Symbol Parameter Description Min. Typ. Max. Unit WPL Wake power latch low Time delay before a WAKE = L change is taken in account -1 - ms WPH Wake power latch high Time delay before a WAKE = H change is taken in account - 150 - μs WAKE_Hth WAKE pin threshold to exit OFF mode (WAKE = H) - 3.1 3.25 3.5 V WAKE_Lth WAKE pin threshold to enter OFF mode (WAKE = L) - 2.1 2.27 2.5 V WAKE_RPD WAKE pin pull-down internal resistance -4 - 9 MΩ |