Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5963U-KBX Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce L5963U-KBX
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963U-KBX Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button L5963U-KBX Datasheet HTML 35Page - STMicroelectronics L5963U-KBX Datasheet HTML 36Page - STMicroelectronics L5963U-KBX Datasheet HTML 37Page - STMicroelectronics L5963U-KBX Datasheet HTML 38Page - STMicroelectronics L5963U-KBX Datasheet HTML 39Page - STMicroelectronics L5963U-KBX Datasheet HTML 40Page - STMicroelectronics L5963U-KBX Datasheet HTML 41Page - STMicroelectronics L5963U-KBX Datasheet HTML 42Page - STMicroelectronics L5963U-KBX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DocID028553 Rev 3
39/49
L5963
Package information
48
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
Package variation
This device use package Variations Option B to define exposed pad (see Table 11) or
slug-up (see Table 12) dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49