Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5963 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce L5963
Description  Automotive dual monolithic switching regulator with LDO and HSD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button L5963 Datasheet HTML 34Page - STMicroelectronics L5963 Datasheet HTML 35Page - STMicroelectronics L5963 Datasheet HTML 36Page - STMicroelectronics L5963 Datasheet HTML 37Page - STMicroelectronics L5963 Datasheet HTML 38Page - STMicroelectronics L5963 Datasheet HTML 39Page - STMicroelectronics L5963 Datasheet HTML 40Page - STMicroelectronics L5963 Datasheet HTML 41Page - STMicroelectronics L5963 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
Thermal design
L5963
38/49
DocID028553 Rev 3
It is possible to improve performance and application thermal behavior, adopting some
expedients:
Use the bottom layer as heat-sink,
Shield inner layer tracks with ground planes,
Use large paths for ground connections, instead of narrow and long paths with sharp
corners, and transfer all ground connections to other layers by a proper number of vias,
Place compensation network very close to the chip to reduce noise,
Put coils and capacitors close to the pins, and build output path with large and short
tracks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49