Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4979MD Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce L4979MD
Description  Automotive low dropout voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979MD Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button L4979MD Datasheet HTML 14Page - STMicroelectronics L4979MD Datasheet HTML 15Page - STMicroelectronics L4979MD Datasheet HTML 16Page - STMicroelectronics L4979MD Datasheet HTML 17Page - STMicroelectronics L4979MD Datasheet HTML 18Page - STMicroelectronics L4979MD Datasheet HTML 19Page - STMicroelectronics L4979MD Datasheet HTML 20Page - STMicroelectronics L4979MD Datasheet HTML 21Page - STMicroelectronics L4979MD Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Package information
L4979D-E, L4979MD
18/22
DS3717 Rev 12
5
Package information
5.1
ECOPACK
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
5.2
SO-8 package information
Figure 13. SO-8 package dimensions
GAPGCFT00206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22