Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSPDB3C Fiches technique(PDF) 2 Page - Mersen

No de pièce FSPDB3C
Description  Finger-Safe Power Distribution Blocks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MERSEN [Mersen]
Site Internet  https://www.mersen.com/en
Logo MERSEN - Mersen

FSPDB3C Fiches technique(HTML) 2 Page - Mersen

  FSPDB3C Datasheet HTML 1Page - Mersen FSPDB3C Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MERSEN.COM
PD 7
POWER DISTRIBUTION
BLOCK S
CATALOG NUMBERS
A
B
C
D
E
F
G
H
J
K
A
B
C
D
E
F
G
H
I
K
J
Figure 1
Figure 2
Catalog No.
Description
FSPIN1
Accessory pin to form multiple pole
block
FSCIM1
Circuit identification marker for 2/0 &
#2 max. conductors (80 per card)
FSCIM2
Circuit identification marker for 350,
400 & 600 kcmil max. conductors
(56 per card)
FSCAP1
Cap plug for spare 2/0 openings
FSCAP2
Cap plug for spare 350 kcmil openings
FSCAP3
Cap plug for spare 600 kcmil opening
FSEA
Pair of end anchors
*Contact Mersen Technical Services at technicalservices.nby@mersen.com for fuse type and maximum ampere required.
** FSPDB5A is not DIN-rail mountable.
DIMENSIONS
Catalog Number
Ampere Rating
(Based on NEC
Table 310-16
for 75° C Cu wire
only)
Line
Load
Short Circuit
Current Rating
Aluminum
Copper
Wire Range
Wire Range
Openings Per
Pole
(Connector
rated for 90° C
Cu/AL wire)
(Connector
rated for 75° C
Cu wire only)
AWG/
mm2
Openings
AWG/ kcmil
mm2
FSPDB1A
FSPDB1C
175
2/0-#14
70-2.5
1
2/0-#14
70-2.5
1
100kA*
FSPDB2A
FSPDB2C
175
2/0-#14
70-2.5
1
#2-#14
35-2.5
4
100kA*
FSPDB3A
FSPDB3C
310
350-#6
185-16
1
#2-#14
35-2.5
8
100kA*
2/0-#14
70-2.5
FSPDB4A
FSPDB4C
335
400-#6
185-16
1
400-#6
185-16
1
100kA*
FSPDB5A**
FSPDB5C
840
600-#4
300-25
2
600-#4
300-25
2
100kA*
ACCESSORIES
FEATURES/BENEFITS (CONTINUED):
•
Multiple wire ratings: Provide users more versatility by offering capability of using multiple conductors in #2
and 2/0 openings.
•
AC & DC ratings: FSPDB1, 2, and 3 have been evaluated for use at 1500V (AC or DC) provided they are
installed on DIN-rails only and with proper barriers and spacing between poles of opposite polarity.
FSPDB
Finger-Safe Power Distribution Blocks
Multiple Wire Ratings (Same Size & Type Wires Only)
2/0 Openings
#2 Openings
(2) #4 AWG
(2) #8 AWG
(2) #12 AWG
(2) #6 AWG
(2-4) #10 AWG
(2-4) #14 AWG
(2) #6 AWG
(2) #10 AWG
(2) #14 AWG
(2) #8 AWG
(2-4) #12 AWG
Dimension
FSPDB1A
FSPDB2A
FSPDB3A
FSPDB4A
FSPDB5A
FSPDB1C
FSPDB2C
FSPDB3C
FSPDB4C
FSPDB5C
Figure 1
Figure 1
Figure 2
Figure 1
Figure 2
mm
in
mm
in
mm
in
mm
in
mm
in
A
25.4
1.00
28.4
1.12
46.9
1.85
39
1.54
72
2.84
B
43.3
1.70
57.8
2.28
64.3
2.53
108
4.25
91
3.58
C
49.5
1.95
56.0
2.21
64.3
2.53
80
3.15
80
3.15
D
45.1
1.78
51.6
2.03
59.8
2.36
75.5
2.97
-
-
E
39.4
1.55
39.4
1.55
51.5
2.03
50.1
1.97
50.1
1.97
F
72.6
2.86
87.7
3.45
100.8
3.97
145.5
5.73
145
5.71
G
59.6
2.35
74.6
2.94
82.4
3.24
120.6
4.75
127.5
5.02
H
5.3
0.21
5.1
0.20
6.5
0.26
7
0.28
3
0.12
I
-
-
-
-
31.5
1.24
-
-
52
2.04
J
5.3
0.21
6.4
0.25
6.5
0.26
6.5
0.26
6.5
0.26
K
10
0.40
11.7
0.46
8.9
0.35
16
0.63
8.5
0.34



Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com