Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYW77PI Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce BYW77PI
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW77PI Fiches technique(HTML) 4 Page - STMicroelectronics

  BYW77PI Datasheet HTML 1Page - STMicroelectronics BYW77PI Datasheet HTML 2Page - STMicroelectronics BYW77PI Datasheet HTML 3Page - STMicroelectronics BYW77PI Datasheet HTML 4Page - STMicroelectronics BYW77PI Datasheet HTML 5Page - STMicroelectronics BYW77PI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
T
=tp/T
tp
=0.5
F(av)(A)
I
o
Tamb( C)
Rth(j-a)=15
C/W
o
Rth(j-a)=Rth(j-c)
Fig.7
:
Average
current
versus
ambient
temperature.
(duty cycle : 0.5) (SOD93)
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
T
=tp/T
tp
=0.5
F(av)(A)
I
o
Tamb( C)
Rth(j-a)=15
C/W
o
Rth(j-a)=Rth(j-c)
Fig.8
:
Average
current
versus
ambient
temperature.
(duty cycle : 0.5) (DOP3I)
11 0
1 00
100
11 0
120
130
140
150
160
170
180
190
20 0
200
VR(V)
F=1Mhz Tj=25 C
o
C(pF)
Fig.9 : Junction capacitance versus reverse
voltage applied (Typical values).
1
10
100
0
10
20
30
40
50
60
70
80
QRR(nC)
90%CONFIDENCE
IF=IF(av)
Tj=100 C
O
Tj=25 C
O
dIF/dt(A/us)
Fig.10 : Recovery charges versus dIF/dt.
Tj(
C)
QRR ;IRM[Tj]/QRR ;IRM[Tj=125 C]
0
255075
100
125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
IRM
QRR
o
o
Fig.12 : Dynamic parameters versus junction
temperature.
110
1 00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
20
IRM(A)
dIF/dt(A/us)
90%CONFIDENCE
Tj=100 C
O
Tj=25 C
O
IF=IF(av)
Fig.11 : Peak reverse current versus dIF/dt.
BYW77P/PI-200
4/5



Html Pages

1 2 3 4 5 6