| Moteur de recherche de fiches techniques de composants électroniques |
|
MB85RS4MTY Fiches technique(PDF) 8 Page - RAMXEED LIMITED |
|
|
|||||||||||||||||||||||||||||
MB85RS4MTY Fiches technique(HTML) 8 Page - RAMXEED LIMITED |
|
8 / 32 page ![]() MB85RS4MTY(AEC-Q100 Compliant) 8 DS501-00066-3v0-E COMMAND WREN The WREN command sets WEL (Write Enable Latch) bit to 1. WEL has to be set with the WREN command before writing operation (WRSR command, WRITE command, WRSN command and SSWR command) . WRDI The WRDI command resets WEL (Write Enable Latch) bit to 0. Writing operation (WRSR command, WRITE command, WRSN command and SSWR command) are not performed when WEL is reset. SO SCK SI CS 00000110 High-Z 7 6 5 4 3 2 1 0 Invalid Invalid SO SCK SI CS 00000100 High-Z 7 6 5 4 3 2 1 0 Invalid Invalid |