| Moteur de recherche de fiches techniques de composants électroniques |
|
EX4100-48P Fiches technique(PDF) 12 Page - Juniper Networks, Inc. |
|
|
|||||||||||||||||||||||||||||
EX4100-48P Fiches technique(HTML) 12 Page - Juniper Networks, Inc. |
|
12 / 17 page ![]() • Congestion avoidance capabilities: Tail drop, weighted random early detection (WRED) Multicast • IGMP: v1, v2, v3 • IGMP snooping • Multicast Listener Discovery (MLD) snooping • Protocol Independent Multicast-Sparse Mode (PIM-SM), PIM Source-Specific Mode (PIM-SSM), PIM Dense Mode (PIM-DM) Management and Analytics Platforms • Juniper Mist Wired Assurance for campus • Junos Space® Network Director for campus • Junos Space Management Applications Device Management and Operations • Junos OS CLI • Out-of-band management: Serial; 10/100/1000BASE-T Ethernet • Rescue configuration • Configuration rollback • Image rollback • RMON (RFC2819) groups 1, 2, 3, 9 • Remote performance monitoring • SNMP: v1, v2c, v3 • Network Time Protocol (NTP) • DHCP server • DHCP client and DHCP proxy • DHCP relay and helper • DHCP local server support • RADIUS • TACACS+ • SSHv2 • Secure copy • HTTP/HTTPs • Domain Name System (DNS) resolver • System logging • Temperature sensor • Configuration backup via FTP/secure copy Supported RFCs • RFC 768 UDP • RFC 783 TFTP • RFC 791 IP • RFC 792 ICMP • RFC 793 TCP • RFC 826 ARP • RFC 854 Telnet client and server • RFC 894 IP over Ethernet • RFC 903 RARP • RFC 906 TFTP Bootstrap • RFC 951, 1542 BootP • RFC 1027 Proxy ARP • RFC 1058 RIP v1 • RFC 1112 IGMP v1 • RFC 1122 Host Requirements • RFC 1195 Use of OSI IS-IS for Routing in TCP/IP and Dual Environments (TCP/IP transport only) • RFC 1256 IPv4 ICMP Router Discovery (IRDP) • RFC 1492 TACACS+RFC 1519 CIDR • RFC 1587 OSPF NSSA Option • RFC 1591 DNS • RFC 1812 Requirements for IP Version 4 Routers • RFC 1981 Path MTU Discovery for IPv6 • RFC 2030 SNTP, Simple Network Time Protocol • RFC 2068 HTTP server • RFC 2080 RIPng for IPv6 • RFC 2131 BOOTP/DHCP relay agent and DHCP server • RFC 2138 RADIUS Authentication • RFC 2139 RADIUS Accounting • RFC 2154 OSPF w/Digital Signatures (password, MD-5) • RFC 2236 IGMP v2 • RFC 2267 Network Ingress Filtering • RFC 2328 OSPF v2 (edge-mode) • RFC 2338 VRRP • RFC 2362 PIM-SM (edge-mode) • RFC 2370 OSPF Opaque LSA Option • RFC 2453 RIP v2 • RFC 2460 Internet Protocol, Version 6 (IPv6) Specification • RFC 2461 Neighbor Discovery for IP Version 6 (IPv6) • RFC 2463 Internet Control Message Protocol (ICMPv6) for the Internet Protocol Version 6 (IPv6) Specification • RFC 2464 Transmission of IPv6 Packets over Ethernet Networks • RFC 2474 DiffServ Precedence, including 12 queues/port • RFC 2475 DiffServ Core and Edge Router Functions • RFC 2526 Reserved IPv6 Subnet Anycast Addresses • RFC 2597 DiffServ Assured Forwarding (AF) • RFC 2598 DiffServ Expedited Forwarding (EF) • RFC 2740 OSPF for IPv6 • RFC 2925 MIB for Remote Ping, Trace • RFC 3176 sFlow • RFC 3376 IGMP v3 EX4100 Line of Ethernet Switches Datasheet 12 |