| Moteur de recherche de fiches techniques de composants électroniques |
|
STA380WS Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA380WS Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 48 page ![]() DocID024426 Rev 1 21/48 STA380WS I2C bus specification 5.4.4 Random address multi-byte read The multi-byte read modes could start from any internal address. Sequential data bytes are read from sequential addresses within the STA380WS. The master acknowledges each data byte read and then generates a STOP condition to terminate the transfer. Figure 10. Read mode sequence DEV-ADDR ACK START RW DATA NO ACK STOP CURRENT ADDRESS READ DEV-ADDR ACK START RW SUB-ADDR ACK DEV-ADDR ACK STOP RANDOM ADDRESS READ DATA NO ACK W R T R A T S DEV-ADDR ACK START DATA ACK DATA ACK STOP SEQUENTIAL CURRENT READ DATA NO ACK DEV-ADDR ACK STARTRW SUB-ADDR ACK DEV-ADDR ACK SEQUENTIAL RANDOM READ DATA ACK W R T R A T S DATA ACKNO ACK STOP DATA RW= HIGH Obsolete Product(s) - Obsolete Product(s) |