Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA339BWTR Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STA339BWTR
Description  2.1-channel high-efficiency digital audio system
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWTR Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STA339BWTR Datasheet HTML 36Page - STMicroelectronics STA339BWTR Datasheet HTML 37Page - STMicroelectronics STA339BWTR Datasheet HTML 38Page - STMicroelectronics STA339BWTR Datasheet HTML 39Page - STMicroelectronics STA339BWTR Datasheet HTML 40Page - STMicroelectronics STA339BWTR Datasheet HTML 41Page - STMicroelectronics STA339BWTR Datasheet HTML 42Page - STMicroelectronics STA339BWTR Datasheet HTML 43Page - STMicroelectronics STA339BWTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
Register description
STA339BW
40/78
DocID15251 Rev 8
Note:
To the left of the arrow is the processing channel. When using channel output mapping, any
of the three processing channel outputs can be used for any of the three inputs.
Figure 12. OCFG = 00 (default value)
Figure 13. OCFG = 01
Figure 14. OCFG = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78