| Moteur de recherche de fiches techniques de composants électroniques |
|
STA333W Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA333W Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 50 page ![]() Register description STA333W 32/50 DocID13365 Rev 3 6.2 Volume control registers (addr 0x06 to 0x09) 6.2.1 Mute/line output configuration register (addr 0x06) Master mute Channel mute D7 D6 D5 D4 D3 D2 D1 D0 Reserved C2M C1M MMUTE 00 00 00 0 0 Table 39. Master mute Bit R/W RST Name Description 0R/W 0MMUTE 0: normal operation 1: all channels are in mute condition Table 40. Channel mute Bit R/W RST Name Description 1R/W 0C1M Channel 1 mute: 0: not muted, it is possible to set the channel volume 1: hardware muted 2R/W 0C2M Channel 2 mute: 0: not muted, it is possible to set the channel volume 1: hardware muted |