Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2902WPT Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LM2902WPT
Description  Low-power quad operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902WPT Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LM2902WPT Datasheet HTML 9Page - STMicroelectronics LM2902WPT Datasheet HTML 10Page - STMicroelectronics LM2902WPT Datasheet HTML 11Page - STMicroelectronics LM2902WPT Datasheet HTML 12Page - STMicroelectronics LM2902WPT Datasheet HTML 13Page - STMicroelectronics LM2902WPT Datasheet HTML 14Page - STMicroelectronics LM2902WPT Datasheet HTML 15Page - STMicroelectronics LM2902WPT Datasheet HTML 16Page - STMicroelectronics LM2902WPT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
7
Macromodel
An accurate macromodel of the LM2902W is available on STMicroelectronics’ web site at www.st.com. This
model is a trade-off between accuracy and complexity (that is, time simulation) of the LM2902W operational
amplifiers. It emulates the nominal performances of a typical device within the specified operating conditions
mentioned in the datasheet. It also helps to validate a design approach and to select the right operational
amplifier, but it does not replace on-board measurements.
LM2902W
Macromodel
DS3575 - Rev 11
page 13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20