Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9953XP Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce L9953XP
Description  Door actuator driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953XP Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button L9953XP Datasheet HTML 4Page - STMicroelectronics L9953XP Datasheet HTML 5Page - STMicroelectronics L9953XP Datasheet HTML 6Page - STMicroelectronics L9953XP Datasheet HTML 7Page - STMicroelectronics L9953XP Datasheet HTML 8Page - STMicroelectronics L9953XP Datasheet HTML 9Page - STMicroelectronics L9953XP Datasheet HTML 10Page - STMicroelectronics L9953XP Datasheet HTML 11Page - STMicroelectronics L9953XP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Block diagram and pin description
L9953 / L9953XP
8/38
Doc ID 14278 Rev 4
Figure 2.
Configuration diagram (top view)
31
33
OUT6,
OUT7
Highside driver output 6,7:
Each output is built by a highside switch and is intended for resistive
loads, hence the internal reverse diode from GND to the output is
missing. For ESD reason a diode to GND is present but the energy
which can be dissipated is limited. Each highside driver is a power
DMOS transistor with an internal parasitic reverse diode from each
output to VS (bulk-drain-diode). Each output is over-current and open
load protected.
22, 24, 29,
30, 34
NC
Not connected pins.
Table 2.
Pin definitions and functions (continued)
Pin
Symbol
Function
OUT4
NC
GND 1
OUT8 2
OUT1 3
4
5
DI
6
CM / PWM2
7
8
DO
9
Vcc
10
11
Vs
12
Vs
OUT4
14
Vs
15
Vs
16
17
18
GND
36
OUT6
35
NC
34
OUT8
33
32
PWM1
31
NC
30
29
CP
28
Vs
27
NC
26
Vs
25
NC
24
OUT5
23
OUT5
22
GND
21
Vs
20
OUT7
19
Vs
OUT3
OUT2
CSN
GND
13
CLK
PowerSO-36
PowerSSO-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38