| Moteur de recherche de fiches techniques de composants électroniques |
|
L9953 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9953 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 38 page ![]() L9953 / L9953XP Package and packing information Doc ID 14278 Rev 4 31/38 6 Package and packing information 6.1 ECOPACK® packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 6.2 PowerSO-36™ package information Figure 11. PowerSO-36™ package dimensions |