Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9950 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button L9950_V01 Datasheet HTML 29Page - STMicroelectronics L9950_V01 Datasheet HTML 30Page - STMicroelectronics L9950_V01 Datasheet HTML 31Page - STMicroelectronics L9950_V01 Datasheet HTML 32Page - STMicroelectronics L9950_V01 Datasheet HTML 33Page - STMicroelectronics L9950_V01 Datasheet HTML 34Page - STMicroelectronics L9950_V01 Datasheet HTML 35Page - STMicroelectronics L9950_V01 Datasheet HTML 36Page - STMicroelectronics L9950_V01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
L9950 - L9950XP
Package and packing information
Doc ID 10311 Rev 11
33/39
Table 21.
PowerSO-36 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A-
-
3.60
a1
0.10
-
0.30
a2
-
-
3.30
a3
0
-
0.10
b
0.22
-
0.38
c
0.23
-
0.32
D *
15.80
-
16.00
D1
9.40
-
9.80
E
13.90
-
14.5
E1 *
10.90
-
11.10
E2
-
-
2.90
E3
5.80
-
6.20
e
-
0.65
-
e3
-
11.05
-
G0
-
0.10
H
15.50
-
15.90
h-
-
1.10
L0.8
-
1.10
M
---
N
-
-
10 deg
R
---
s-
-
8 deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39