Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9945 Fiches technique(PDF) 139 Page - STMicroelectronics

No de pièce L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Fiches technique(HTML) 139 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 135Page - STMicroelectronics L9945 Datasheet HTML 136Page - STMicroelectronics L9945 Datasheet HTML 137Page - STMicroelectronics L9945 Datasheet HTML 138Page - STMicroelectronics L9945 Datasheet HTML 139Page - STMicroelectronics L9945 Datasheet HTML 140Page - STMicroelectronics L9945 Datasheet HTML 141Page - STMicroelectronics L9945 Datasheet HTML 142Page - STMicroelectronics L9945 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 144 page
background image
5.5.4
H-bridge disabling ....................................................... 31
5.5.5
Overcurrent detection strategies for H-Bridge .................................. 31
5.5.6
Current limitation for H-Bridge.............................................. 32
5.5.7
H-Bridge OFF state diagnostic timings ....................................... 35
5.6
Peak & Hold.................................................................. 35
5.6.1
Peak & Hold driving mode................................................. 35
5.6.2
Peak & Hold diagnostics .................................................. 35
5.6.3
ON state diagnostics ..................................................... 36
5.6.4
OFF state diagnostics .................................................... 36
5.7
Internal oscillator .............................................................. 38
5.7.1
Spread spectrum........................................................ 38
5.7.2
Internal oscillator electrical characteristics .................................... 38
5.8
Digital I/Os ................................................................... 39
5.8.1
Digital I/Os electrical characteristics ......................................... 39
5.9
Serial Peripheral Interface (SPI) ................................................. 40
5.9.1
SPI Quick Look ......................................................... 40
5.9.2
Parallel operation ....................................................... 40
5.9.3
Daisy chain ............................................................ 40
5.9.4
SPI electrical characteristics signal and the timing diagram ....................... 41
5.9.5
SPI protocol ........................................................... 43
5.10
SPI MOSI/MISO list ........................................................... 44
5.10.1
COMMAND X frame partitioning ............................................ 45
5.10.2
RESPONSE X frame partitioning ........................................... 68
6
Safety & diagnostics............................................................ 109
6.1
Disable sources..............................................................109
6.1.1
DIS & NDIS pins ....................................................... 109
6.1.2
VDD5 Overvoltage/Undervoltage .......................................... 110
6.1.3
BIST & HWSC......................................................... 111
6.1.4
VPS undervoltage ...................................................... 112
6.1.5
Charge pump undervoltage............................................... 112
6.1.6
SPI enable bit ......................................................... 113
6.1.7
Protection disable bit.................................................... 113
6.1.8
EN6 input ............................................................ 113
6.1.9
NRES assertion ....................................................... 113
6.1.10
Communication Check (CC) .............................................. 113
6.2
Diagnostics overview ......................................................... 114
6.3
ON state diagnostics.......................................................... 116
L9945
Contents
DS12275 - Rev 10
page 139/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More