Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9945 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce L9945
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button L9945 Datasheet HTML 4Page - STMicroelectronics L9945 Datasheet HTML 5Page - STMicroelectronics L9945 Datasheet HTML 6Page - STMicroelectronics L9945 Datasheet HTML 7Page - STMicroelectronics L9945 Datasheet HTML 8Page - STMicroelectronics L9945 Datasheet HTML 9Page - STMicroelectronics L9945 Datasheet HTML 10Page - STMicroelectronics L9945 Datasheet HTML 11Page - STMicroelectronics L9945 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 144 page
background image
Figure 6. Example of H-Bridge configuration with NMOS as HS and LS transistors (channels 1-4 used)
GADG2402171049PS
BATT12
HS
NMOS
HS
NMOS
DRN1
VBATT
BATT12
DRN2
RSH
RSH
GNSP1
SNGP1
OUT1/
OUT3
OUT2/
OUT4
GNSP2
SNGP2
RG
RG
RPD
RPD
CM
CM
RM
RM
GND
GND
GND
CBATT
CBATT
DRN3
DRN4
GND
CESD
GND
CESD
GNSP3
SNGP3
PGND34
GNSP4
SNGP4
PGND34
RG
RG
RPD
RPD
CM
CM
RM
RM
LS
NMOS
LS
NMOS
M
L9945
Output configurations
DS12275 - Rev 10
page 8/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More