Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9848 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 19Page - STMicroelectronics L9848 Datasheet HTML 20Page - STMicroelectronics L9848 Datasheet HTML 21Page - STMicroelectronics L9848 Datasheet HTML 22Page - STMicroelectronics L9848 Datasheet HTML 23Page - STMicroelectronics L9848 Datasheet HTML 24Page - STMicroelectronics L9848 Datasheet HTML 25Page - STMicroelectronics L9848 Datasheet HTML 26Page - STMicroelectronics L9848 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Application examples
L9848
24/27
Figure 13.
L9848 driving approach for 3 bipolar stepper-motors in sequential mode
for climate applications as window lift relay and mirror motor driver
SM
SM
SM
L9848
L9848
disabled
disabled
disabled
disabled
Stepper-Motor 1 active
1
2
3
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27