Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9733XPTR Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce L9733XPTR
Description  Automotive octal self configuring low/high side driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XPTR Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button L9733XPTR Datasheet HTML 27Page - STMicroelectronics L9733XPTR Datasheet HTML 28Page - STMicroelectronics L9733XPTR Datasheet HTML 29Page - STMicroelectronics L9733XPTR Datasheet HTML 30Page - STMicroelectronics L9733XPTR Datasheet HTML 31Page - STMicroelectronics L9733XPTR Datasheet HTML 32Page - STMicroelectronics L9733XPTR Datasheet HTML 33Page - STMicroelectronics L9733XPTR Datasheet HTML 34Page - STMicroelectronics L9733XPTR Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Package information
L9733
32/35
DocID11319 Rev 12
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
9.1
PowerSSO-28 (exposed pad) package information
Figure 11. PowerSSO-28 (exposed pad) package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35