| Moteur de recherche de fiches techniques de composants électroniques |
|
L9800-TR Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9800-TR Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 55 page ![]() Field name Type Bit offset Bit width Reset value Reset source Description DIAG_OPL_OFF, 0x13 OUTn RLR 0 8 0x00 NPOR Driver open-load detection in off state n = 0 to 7: 0 (default): normal load 1: open-load detected RESERVED_3, 0x14 UNUSED RO 0 8 0x00 X DIAG_SHG, 0x15 OUTn RLR 0 8 0x00 NPOR Driver short load detection in off state n = 0 to 7: 0 (default): normal load 1: short load detected RESERVED_4, 0x16 UNUSED RO 0 8 0x00 X RESERVED_5, 0x17 UNUSED RO 0 8 0x00 X L9800 Serial peripheral interface (SPI) DS14041 - Rev 2 page 47/55 |