| Moteur de recherche de fiches techniques de composants électroniques |
|
L9733XP Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9733XP Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 35 page ![]() DocID11319 Rev 12 15/35 L9733 Electrical performance characteristics 34 Figure 2. Output turn on/off delays and slew rates SRC1-8htol Slew rate turn on Outputs loaded as Figure 4 See Figure 2 See Figure 2 0.65 - 1.95 V/μs SRC1-8ltoh Turn off (High-side) 0.5 - 1.5 V/μs Drn1-8tondly Delay time Turn on Outputs loaded as Figure 4 See Figure 2 See Figure 2 2 - 20 μs Drn1-8toffdly Turn off (low-side) 10 - 100 μs SRC1-8tondly Delay time Turn on Outputs loaded as Figure 4 See Figure 2 See Figure 2 2 - 20 μs SRC1-8toffdly Turn off (high-side) 10 - 100 μs Drn1-8offon Delay delta Drn1-8toffdly - Drn1-8tondly 10 - 60 μs SRC1-8offon Delay delta SRC1-8toffdly - SRC1-8tondly 10 - 60 μs Table 7. AC characteristics (continued) Symbol Parameter Conditions Min Typ Max Units |