Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9733 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce L9733
Description  Automotive octal self configuring low/high side driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button L9733 Datasheet HTML 19Page - STMicroelectronics L9733 Datasheet HTML 20Page - STMicroelectronics L9733 Datasheet HTML 21Page - STMicroelectronics L9733 Datasheet HTML 22Page - STMicroelectronics L9733 Datasheet HTML 23Page - STMicroelectronics L9733 Datasheet HTML 24Page - STMicroelectronics L9733 Datasheet HTML 25Page - STMicroelectronics L9733 Datasheet HTML 26Page - STMicroelectronics L9733 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID11319 Rev 12
23/35
L9733
Serial peripheral interface (SPI)
34
Table 10. Command register logic definition
Bit
State
Status
Writing mode
b0-b7
0
OUT1 - OUT8 are commanded off
Output
b0-b7
1
OUT1 - OUT8 are commanded on
Output
b0-b7
0
OUT1 - OUT8 diagnostic is No Latch Mode
Diag
b0-b7
1
OUT1 - OUT8 diagnostic is Latch Mode
Diag
b0-b7
0
OUT1 - OUT8 switching OFF overcurrent protection
Protection
b0-b7
1
OUT1 - OUT8 linear overcurrent protection
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35