Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9396 Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button L9396_V01 Datasheet HTML 73Page - STMicroelectronics L9396_V01 Datasheet HTML 74Page - STMicroelectronics L9396_V01 Datasheet HTML 75Page - STMicroelectronics L9396_V01 Datasheet HTML 76Page - STMicroelectronics L9396_V01 Datasheet HTML 77Page - STMicroelectronics L9396_V01 Datasheet HTML 78Page - STMicroelectronics L9396_V01 Datasheet HTML 79Page - STMicroelectronics L9396_V01 Datasheet HTML 80Page - STMicroelectronics L9396_V01 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 109 page
background image
DS12539 Rev 10
77/109
L9396
System functional safety implementations
109
Figure 19. Seed generation algorithm block diagram
Seed is generated by the LSFR algorithm in Figure above. In particular the algorithm
generates a 7-bit length word, while the seed has 8 bits including a zero as MSB. In this way
the seeds are always positive. A new seed will be stored onto the WD_Seed only in case of
a correct answer received. In case of an error, the same seed will be available into the
WD_Seed until a correct answer will be received.
Figure 20. Seed selection and elaboration flow
Figure 21. Answer check generation algorithm block diagram
The answer is a 16-bit long word checked against a 16-bit word composed by two bytes,
Answer_Low and Answer_High, generated from the sent seed. Answer_Low is the logical
2's complement of the seed, while Answer_High is a replica of the seed being sent.
Seed
0
1
2
3
4
5
6
7
+
+
+
+
+
1
GADG2401171600PS
T_start_REQ
Microcontroller
ASIC
ANSWER WRITE
ANSWER CHECK
SEED
SENT SEED
OLD SEED
NEW SEED
SEED
SENT SEED
ANSWER OK ?
SEED
=
NEW SEED
SEED
=
OLD SEED
SEED
GADG2401171606PS
SEED_READ
SEED_ELABORATION
SEED_READ
Answer Low
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Answer High
Seed
! Seed
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
GADG2401171609PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More