| Moteur de recherche de fiches techniques de composants électroniques |
|
BYW77PI-200 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BYW77PI-200 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 6 page ![]() 0 20 40 60 80 100 120 140 160 0 5 10 15 20 25 30 T =tp/T tp =0.5 F(av)(A) I o Tamb( C) Rth(j-a)=15 C/W o Rth(j-a)=Rth(j-c) Fig.7 : Average current versus ambient temperature. (duty cycle : 0.5) (SOD93) 0 20 40 60 80 100 120 140 160 0 5 10 15 20 25 30 T =tp/T tp =0.5 F(av)(A) I o Tamb( C) Rth(j-a)=15 C/W o Rth(j-a)=Rth(j-c) Fig.8 : Average current versus ambient temperature. (duty cycle : 0.5) (DOP3I) 11 0 1 00 100 11 0 120 130 140 150 160 170 180 190 20 0 200 VR(V) F=1Mhz Tj=25 C o C(pF) Fig.9 : Junction capacitance versus reverse voltage applied (Typical values). 1 10 100 0 10 20 30 40 50 60 70 80 QRR(nC) 90%CONFIDENCE IF=IF(av) Tj=100 C O Tj=25 C O dIF/dt(A/us) Fig.10 : Recovery charges versus dIF/dt. Tj( C) QRR ;IRM[Tj]/QRR ;IRM[Tj=125 C] 0 255075 100 125 150 0.00 0.25 0.50 0.75 1.00 1.25 1.50 IRM QRR o o Fig.12 : Dynamic parameters versus junction temperature. 110 1 00 0.0 0.5 1.0 1.5 2.0 2.5 3.0 20 IRM(A) dIF/dt(A/us) 90%CONFIDENCE Tj=100 C O Tj=25 C O IF=IF(av) Fig.11 : Peak reverse current versus dIF/dt. BYW77P/PI-200 4/5 |