| Moteur de recherche de fiches techniques de composants électroniques |
|
DAC80504 Fiches technique(PDF) 42 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC80504 Fiches technique(HTML) 42 Page - Texas Instruments |
|
42 / 50 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Jun-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) DAC60504BRTER Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 654B DAC60504BRTER.A Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 654B DAC60504BRTER.B Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 654B DAC60504BRTERG4 Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 654B DAC60504BRTERG4.A Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 654B DAC60504BRTERG4.B Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 654B DAC60504BRTET Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 654B DAC60504BRTET.A Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 654B DAC60504BRTET.B Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 654B DAC70504RTER Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 70504 DAC70504RTER.A Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 70504 DAC70504RTER.B Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 70504 DAC70504RTET Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 70504 DAC70504RTET.A Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 70504 DAC70504RTET.B Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 70504 DAC80504RTER Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (80504, 854) DAC80504RTER.B Active Production WQFN (RTE) | 16 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (80504, 854) DAC80504RTET Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (80504, 854) DAC80504RTET.B Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 (80504, 854) DAC80504RTETG4 Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 80504 DAC80504RTETG4.B Active Production WQFN (RTE) | 16 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 80504 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. Addendum-Page 1 |