Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC237F Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce CD54HC237F
Description  High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC237F Fiches technique(HTML) 13 Page - Texas Instruments

Back Button CD54HC237F Datasheet HTML 9Page - Texas Instruments CD54HC237F Datasheet HTML 10Page - Texas Instruments CD54HC237F Datasheet HTML 11Page - Texas Instruments CD54HC237F Datasheet HTML 12Page - Texas Instruments CD54HC237F Datasheet HTML 13Page - Texas Instruments CD54HC237F Datasheet HTML 14Page - Texas Instruments CD54HC237F Datasheet HTML 15Page - Texas Instruments CD54HC237F Datasheet HTML 16Page - Texas Instruments CD54HC237F Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
9-Oct-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CD74HC137PWR
TSSOP
PW
16
2000
353.0
353.0
32.0
CD74HC237DYYR
SOT-23-THIN
DYY
16
3000
336.6
336.6
31.8
CD74HC237M96
SOIC
D
16
2500
353.0
353.0
32.0
CD74HC237M961G4
SOIC
D
16
2500
353.0
353.0
32.0
CD74HC237NSR
SOP
NS
16
2000
353.0
353.0
32.0
CD74HC237PWR
TSSOP
PW
16
2000
356.0
356.0
35.0
CD74HCT137M96
SOIC
D
16
2500
353.0
353.0
32.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27